PART |
Description |
Maker |
M80-4111401 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, no jackscrews, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4704805 M80-4704042 M80-4703042 |
Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, no jackscrews, 24 24-way 48 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, no jackscrews, 20 20-way 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, no jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8500845 |
Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M80-4122601P M80-4121001P M80-4121005P M80-4124242 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, no jackscrews, 13 13-way, pick & place cap 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, no jackscrews, 5 5-way, pick & place cap 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, no jackscrews, 5 5-way, pick & place cap 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, no jackscrews, 21 21-way, pick & place cap 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-4863405 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, Extended Wall, gold clip gold shell, with Hex Socket jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5D11005B1 |
DATAMATE J-TEK DIL MALE CRIMP ASSY
|
Harwin Plc
|
M80-5L15005MC M80-5L10442MC M80-5L15022MC M80-5L10 |
DATAMATE J-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
M80-5C10605B1 M80-5C11005B1 M80-5C11405B1 M80-5C12 |
DATAMATE J-TEK DIL MALE CRIMP (SAMLL BORE) ASSEMBLY WITH METAL BACKSHELL
|
Harwin Plc
|
M80-5100422 M80-5105042 M80-5105005 M80-5100405 M8 |
JACKSCREW DATAMATE DIL VERTICAL PC TAIL MALE ASSEMBLY (BOARD MOUNT) Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
M80-7911222 M80-7912045 |
Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, unlatched, selective gold tin/lead, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, unlatched, gold, 10 10-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L12622M5-00-000-00-000 M80-5L13842M5-00-000-0 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 19 19-way 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 22 22-way 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-8280622P M80-8280842P M80-8281442P M80-8271822 |
Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way, pick & place cap 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin, 4 4-way, pick & place cap 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin, 7 7-way, pick & place cap 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, friction latched, selective gold tin/lead, 9 9-way, pick & place cap 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
|